PART |
Description |
Maker |
2SC4854 2SC4854-5 2SC4854-4 |
晶体管|晶体管|叩| 6V的五(巴西)总裁| 15mA的一c)|36AB SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits Low-Voltage Low-Current High-Frequency Amp Applications Low-Voltage, Low-Current High-Frequency Amp Applications
|
SANYO[Sanyo Semicon Device]
|
2SA1575 2SC4080 2SC4080C 2SA1575C 2SA1575D 2SC4080 |
晶体管|晶体管|进步党| 200伏五(巴西)总裁| 100mA的一(c)|36VAR TRANSISTOR | BJT | NPN | 200V V(BR)CEO | 200MA I(C) | SOT-89 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 200V V(BR)CEO | 100MA I(C) | TO-236VAR SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits High-Frequency Amp, Wide-Band Amp Applications High-Frequency Amp/ Wide-Band Amp Applications
|
SANYO[Sanyo Semicon Device]
|
2SC4855 2SC4855-5 2SC4855-3 |
TRANSISTOR | BJT | NPN | 6V V(BR)CEO | 15MA I(C) | SOT-143R Low-Voltage, Low-Current & High-Frequency Amp Applications
|
SANYO[Sanyo Semicon Device]
|
2SB718 2SB717 |
LOW FREQUENCY HIGH VOLTAGE AMPLIFIER Complementary pair with 2SB757 and 2SB758 低频高压放大器互补配SB7572SB758 (2SB717 / 2SB718) LOW FREQUENCY HIGH VOLTAGE AMPLIFIER Complementary pair From old datasheet system
|
Hitachi,Ltd. Hitachi Semiconductor
|
TC7660H TC7660HCOA TC7660HEPA TCA7660 TC7660HCPA T |
HIGH FREQUENCY 7660 DC-TO-DC VOLTAGE CONVERTER The TC7660H is a pin-compatible,high frequency up-grade to the Industry standard TC7660 charge pump voltage converter.It converts a 1.5V to 10V input to a corresponding – 1.5V to – 10V output using only two low--cost capacito IC-CMOS- BINARY COUNTER 高频7660型DC - DC电压转换 HIGH FREQUENCY 7660 DC-TO-DC VOLTAGE CONVERTER 高频7660型DC - DC电压转换
|
MICROCHIP[Microchip Technology] Microchip Technology, Inc. Microchip Technology Inc.
|
2SK932 |
High-Frequency Low-Noise Amp Applications
|
SANYO[Sanyo Semicon Device]
|
2SK1961 |
High-Frequency Low-Noise Amp Applications
|
Sanyo Semicon Device
|
2SK222 |
High-Frequency/ Low-Noise Amp Applications HIGH-FREQUENCY, LOW-NOISE AMP APPLICATIONS
|
Sanyo Semicon Device
|
2SC3070 |
High-hFE, Low-Frequency General-Purpose Amp Applications
|
SANYO[Sanyo Semicon Device]
|
2SC4705 |
Low-Frequency General-Purpose Amp/ Applications(High hFE) Low-Frequency General-Purpose Amp, Applications(High hFE)
|
Sanyo Semicon Device
|
2SA1766 |
High-hFE, Low-Frequency General-Purpose Amp Applications
|
SANYO[Sanyo Semicon Device]
|